| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9995KCPRL bảng dữ liệu(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9995KCPRL bảng dữ liệu(HTML) 12 Page - Analog Devices |
|
12 / 60 page ![]() AD9995 –12– P[0] PIXEL PERIOD RG H1/H3 RGf[12] P[48] = P[0] Hf[24] CCD SIGNAL P[24] P[12] P[36] Hr[0] RGr[0] SHD[0] NOTES ALL SIGNAL EDGES ARE FULLY PROGRAMMABLE TO ANY OF THE 48 POSITIONS WITHIN ONE PIXEL PERIOD. DEFAULT POSITIONS FOR EACH SIGNAL ARE SHOWN. POSITION tS1 H2/H4 SHP[24] Figure 7. High SpeedTiming Default Locations NOTES DATA OUTPUT (DOUT) AND DCLK PHASE ARE ADJUSTABLE WITH RESPECT TO THE PIXEL PERIOD. WITHIN ONE CLOCK PERIOD, THE DATA TRANSITION CAN BE PROGRAMMED TO 48 DIFFERENT LOCATIONS. OUTPUT DELAY ( tOD) FROM DCLK RISING EDGE TO DOUT RISING EDGE IS PROGRAMMABLE. P[0] P[48] = P[0] PIXEL PERIOD P[12] P[24] P[36] DOUT DCLK tOD Figure 8a. Digital Output Phase Adjustment NOTES DEFAULT TIMING VALUES ARE SHOWN: SHDLOC = 0, DOUT PHASE = 0, DCLKMODE = 0. HIGHER VALUES OF SHD AND/OR DOUTPHASE WILL SHIFT DOUT TRANSITION TO THE RIGHT, WITH RESPECT TO CLI LOCATION. DCLK DOUT CCDIN CLI SHD (INTERNAL) N N+1 N+2 N+12 N+11 N+10 N+9 N+8 N+7 N+6 N+5 N+4 N+3 N+13 N–13 N–3 N–4 N–5 N–6 N–7 N–8 N–9 N–10 N–11 N–12 N–2 N–1 N+1 N SAMPLE PIXEL N PIPELINE LATENCY=11 CYCLES tCLIDLY N–1 N+2 Figure 8b. Pipeline Delay REV. 0 |