| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IA188EM-PQF100I-R bảng dữ liệu(PDF) 85 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
IA188EM-PQF100I-R bảng dữ liệu(HTML) 85 Page - InnovASIC, Inc |
|
85 / 133 page ![]() IA186EM/IA188EM Data Sheet 8/16-BIT Microcontrollers As of Production Version -03 Instruction Opcode - Hex Clock Cycles Flags Affected Mnemonic Description byte 1 byte 2 byte 3-6 IA186 IA188 O D I T S Z A P C AND imm8 with AL A8 ib - 3 3 AND imm16 with AX A9 iw - 4 4 AND imm8 with r/m8 F6 /0 ib data 8 4/10 4/10 AND imm16 with r/m16 F7 /0 iw - 4/10 4/14 AND byte reg with r/m8 84 /r - 3/10 3/10 TEST AND word reg with r/m16 85 /r data 8 3/10 3/14 0 - - - R R U R 0 WAIT Performs a NOP 9B - - - - - - - - - - - - - Exchange word reg with AX - - 3 3 Exchange AX with word reg 90 +rw - - 3 3 Exchange byte reg with r/byte - - 4/17 4/17 Exchange r/m8 with byte reg 86 /r - - 4/17 4/17 Exchange word reg with r/m16 - - 4/17 4/21 XCHG Exchange r/m16 with word reg 87 /r - - 4/17 4/21 - - - - - - - - - XLAT Set AL to memory byte segment :[BX+unsigned AL] D7 - - 11 15 XLATB Set AL to memory byte DS :[BX+unsigned AL] D7 - - 11 15 - - - - - - - - - XOR imm8 with AL 34 ib - 3 3 XOR imm16 with AX 35 iw - 4 4 XOR imm8 with r/m8 80 /6 ib - 4/16 4/16 XOR imm16 with r/m16 81 /6 iw - 4/16 4/20 XOR sign-extended imm8 with r/m16 83 /6 ib - 4/16 4/20 XOR byte reg with r/m8 30 /r - 3/10 3/10 XOR word reg with r/m16 31 /r - 3/10 3/14 XOR r/m8 with byte reg 32 /r - 3/10 3/10 XOR XOR r/m16 with word reg 33 /r - 3/10 3/14 0 - - - R R U R 0 Key to Abbreviations Used Instruction Summary Table The Operand Address byte is configured as follows. 7 6 5 4 3 2 1 0 mod field aux field r/m field 3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com |