| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IA88C00-PLC68C-R bảng dữ liệu(PDF) 45 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
IA88C00-PLC68C-R bảng dữ liệu(HTML) 45 Page - InnovASIC, Inc |
|
45 / 80 page ![]() IA88C00 Data Sheet Microcontroller As of Production Version -01 Copyright © 2005 ENG21 1 030617-04 www.Innovasic Innovasic.com Innovasic Semiconductor Page 45 of 80 1.888.824.4184 Instruction Summary This section provides a summary of the IA88C00 instructions. NOTE Assignment of a value is indicated by the symbol “←”. For example: Dst ← dst + src indicates that the source data is added to the destination data and the result is stored in the destination location. The notation “addr (n) ” is used to refer to bit (n) of a given operand location. For example: dst (7) refers to bit 7 of the destination operand. Figure 49. Instruction Summary Flags Affected Instruction and Operation Address Mode dst scr Opcode Byte (Hex) C Z S V D H ADC dst, src dst←dst + src + C † 1[ ] * * * - 0 * ADD dst, src dst←dst + src † 0[ ] * * * * 0 * ADD dst, src dst←dst AND src † 5[ ] - * * 0 - - BAND dst, src dst←dst AND src r0 Rb Rb r0 67 67 - * 0 U - - BCP dst, src dst - src r0 Rb 17 - * 0 U - - BITC dst dst←NOT dst rb 57 - * 0 U - - BITR dst dst←0 rb 77 - - - - - - - |