| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NLE2R2M16 bảng dữ liệu(PDF) 2 Page - NIC-Components Corp. |
|
|
|||||||||||||||||||||||||||||
NLE2R2M16 bảng dữ liệu(HTML) 2 Page - NIC-Components Corp. |
|
2 / 2 page ![]() 58 ® NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com 59 ® NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com PART NUMBER SYSTEM NLE Size (D ∅ x L) 4x7 Series 1R0 Capacitance Code M Tolerance Code 50V Rated Voltage F RoHS Compliant LEAD SPACING AND DIAMETER (mm) STANDARD PRODUCT AND CASE SIZE TABLE D φ x L (mm) � � � � � µ � � � � � � � � � � � � � � �� � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � �� � � � � � � � � � � � � � � � � �� � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � � Miniature Aluminum Electrolytic Capacitors NLE Series d φ ± 0.05 Insulation Sleeve F ± 0.5 D φ ± α 4mm Min. 15mm Min. L + β max. Polarity Marking |