| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IA88C00-PDW48C-R bảng dữ liệu(PDF) 56 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
IA88C00-PDW48C-R bảng dữ liệu(HTML) 56 Page - InnovASIC, Inc |
|
56 / 80 page ![]() IA88C00 Data Sheet Microcontroller As of Production Version -01 Copyright © 2005 ENG21 1 030617-04 www.Innovasic Innovasic.com Innovasic Semiconductor Page 56 of 80 1.888.824.4184 Figure 56. Rotate and Shift Instructions Mnemonic Operands Instructions RL dst Rotate left RLC dst Rotate left through carry RR dst Rotate right RRC dst Rotate right through carry SWAP dst Swap nibbles Figure 57. CPU Control Instructions Mnemonic Operands Instructions CCF Complement carry flag DI Disable interrupts EI Enable interrupts NOP Do nothing RCF Reset carry flag SBO Set bank flag SB1 Set bank 1 SCF Set carry flag SRP src Set register pointers SRP0 src Set register pointer zero SRP1 src Set register pointer one STOP Enable STOP Mode Interrupts The IA88C00 supports as many as 27 interrupt sources. Interrupt sources are sorted into 8 different priority levels. These levels are controlled by the interrupt Priority Register (IPR). Enabling and masking of individual interrupts is controlled by the System Mode Register (R222). The various sources, vectors and levels of the interrupt structure are depicted in Figure 58 in this section. |