| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PA22 bảng dữ liệu(PDF) 13 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
PA22 bảng dữ liệu(HTML) 13 Page - Cirrus Logic |
|
13 / 14 page ![]() PA22 PA22 REV C 13 PACKAGE OPTIONS PACKAGE OUTLINE (STYLE LL) Part Number Apex Package Style Description PA22 LL 15-Pin Power SIP .960 [24.38] .298 [7.57] 2.250 [57.15] .156 [3.96] .947 [24.05] .150 [3.81] .300 [7.62] +.013/-.010 .019 [.48] ±.002 [±0.051] .040 [1.02] REF SEE NOTE 5 .100 [2.54] .054 [1.37] MIN .017 [.43] .275 [6.99] .310 [7.87] .327 [8.31] REF .684 [17.37] +/-.015 .265 [6.73] NOTES: 1. Dimensions are in inches & [mm]. 2. Triangle on lid denotes Pin 1. 3. Pins: Alloy 510 phosphor bronze plated with matte tin (150-300u") over nickel (500u" max.) underplate. 4. Epoxy-sealed & ultrasonically welded non-hermetic package. 5. Creepage distance between I/O pin pads: 0.050 inches. 6. The exposed substrate contains BeO. Do not crush, machine or subject to temperatures in excess of 850 C to avoid generating toxic fumes. SCALE 3.000 .0045 [.114] SEE DETAIL A SCALE 6.000 DETAIL A |