công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M404 bảng dữ liệu(PDF) 8 Page - B&K Precision Corporation

tên linh kiện M404
Giải thích chi tiết về linh kiện  3.3 GHz/8.5 GHz Spectrum Analyzer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BK [B&K Precision Corporation]
Trang chủ  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M404 bảng dữ liệu(HTML) 8 Page - B&K Precision Corporation

Back Button M404 Datasheet HTML 4Page - B&K Precision Corporation M404 Datasheet HTML 5Page - B&K Precision Corporation M404 Datasheet HTML 6Page - B&K Precision Corporation M404 Datasheet HTML 7Page - B&K Precision Corporation M404 Datasheet HTML 8Page - B&K Precision Corporation M404 Datasheet HTML 9Page - B&K Precision Corporation M404 Datasheet HTML 10Page - B&K Precision Corporation M404 Datasheet HTML 11Page - B&K Precision Corporation M404 Datasheet HTML 12Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 89 page
background image
2
10) Abundant functions
● Measuringfunctions : Channel power,Adjacent channel power, Occupied bandwidth,Electric field
strength, Magnetic field strength and Frequency measurement.
● Calculation functions: Max hold, Min hold, Averaging, Over write
● Marker measurement and peak search function
● Save/Load function
● Hard copywith printer
11) PC Software
The included PC software controls all four models of the 2650A/2651 series via PC. The software emulates the front panel keys
and supports transfer of 1001 point trace data from the analyzer to the PC. Screen images can be stored in BMP format and the
spectrum data in CSV format (stores frequency and level).
12) Options
There are many options available, such as dipole antennas, magnetic field probes and USB printer
1.2
Standard accessories
1. AC adaptor MA400
2. Carrying case LC2650A
3. Accessory pouch
4. User manual
5. PC software and USB cable
6. Lithium Ion battery MB400
1.3
Optional accessories
1. Dipole antennas M401, M402, M403, M404, M405, M406
2. Magnetic field probe PR 26M with a dedicated double shielded coaxial cable
3. Printer PT2650A with AC adaptor, 4pcs of AA batteries, one roll paper
4. Roll paper PX2650A for PT2650A printer (with 10 rolls)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com