công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AFL2807SW bảng dữ liệu(PDF) 10 Page - International Rectifier

tên linh kiện AFL2807SW
Giải thích chi tiết về linh kiện  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

AFL2807SW bảng dữ liệu(HTML) 10 Page - International Rectifier

Back Button AFL2807SW Datasheet HTML 4Page - International Rectifier AFL2807SW Datasheet HTML 5Page - International Rectifier AFL2807SW Datasheet HTML 6Page - International Rectifier AFL2807SW Datasheet HTML 7Page - International Rectifier AFL2807SW Datasheet HTML 8Page - International Rectifier AFL2807SW Datasheet HTML 9Page - International Rectifier AFL2807SW Datasheet HTML 10Page - International Rectifier AFL2807SW Datasheet HTML 11Page - International Rectifier AFL2807SW Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
www.irf.com
AFL28XXS Series
Mechanical Outlines
Case X
Case W
Pin Variation of Case Y
1.260 1.500
2.500
2.760
3.000
ø 0.128
0.250
1.000
Ref
0.200 Typ
Non-cum
0.050
0.220
Pin
ø 0.040
0.238 max
0.380
Max
2.975 max
0.050
0.220
0.250
1.000
Pin
ø 0.040
0.525
0.380
Max
2.800
0.42
Case Y
Case Z
Pin Variation of Case Y
1.500 1.750
2.500
0.25 typ
1.150
0.050
0.220
1.750
0.375
2.00
0.250
1.000
Ref
0.200 Typ
Non-cum
Pin
ø 0.040
0.300
ø 0.140
0.238 max
0.380
Max
2.975 max
0.050
0.220
0.250
1.000
Ref
Pin
ø 0.040
0.525
0.380
Max
2.800
0.36
BERYLLIA WARNING: These converters are hermetically sealed; however they contain BeO substrates and should not be ground or subjected to any other
operations including exposure to acids, which may produce Beryllium dust or fumes containing Beryllium
Tolerances, unless otherwise specified:
.XX
=
±0.010
.XXX
=
±0.005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12