công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AP63 bảng dữ liệu(PDF) 5 Page - Juniper Networks, Inc.

tên linh kiện AP63
Giải thích chi tiết về linh kiện  AP34 ACCESS POINT DATASHEET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  JUNIPER [Juniper Networks, Inc.]
Trang chủ  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

AP63 bảng dữ liệu(HTML) 5 Page - Juniper Networks, Inc.

  AP63 Datasheet HTML 1Page - Juniper Networks, Inc. AP63 Datasheet HTML 2Page - Juniper Networks, Inc. AP63 Datasheet HTML 3Page - Juniper Networks, Inc. AP63 Datasheet HTML 4Page - Juniper Networks, Inc. AP63 Datasheet HTML 5Page - Juniper Networks, Inc. AP63 Datasheet HTML 6Page - Juniper Networks, Inc. AP63 Datasheet HTML 7Page - Juniper Networks, Inc. AP63 Datasheet HTML 8Page - Juniper Networks, Inc. AP63 Datasheet HTML 9Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Specifications
Wi-Fi Standard
802.11ax (Wi-Fi 6), including support for OFDMA, 1024-QAM,
MU-MIMO, Target Wake Time (TWT), Spatial Frequency Reuse
(BSS Coloring). Backwards compatibility with 802.11a/b/g/n/ac
Combined Highest
Supported Data Rates
2.4 GHz / 5 GHz: 1.8 Gbps
+6 GHz: 4.2 Gbps
2.4 GHz
2x2:2 802.11ax up to 575 Mbps data rate
5 GHz
2x2:2 802.11ax up to 1,200 Mbps data rate
6 GHz
2x2:2 802.11ax up to 2,400 Mbps data rate
MIMO Operation
Two spatial stream SU-MIMO for up to 1200 Mbps wireless data
rate to individual 2x2 HE160 Two spatial stream MU-MIMO for
up to 1200 Mbps wireless data rate to up to two MU-MIMO
capable client devices simultaneously
Dedicated Fourth Radio 2.4 GHz, 5 GHz, and 6 GHz tri-band WIDS/WIPS, spectrum
analysis and location analytics radio
Internal Antennas
(AP34)
Two 2.4 GHz omnidirectional antennas with 4 dBi peak gain
Two 5 GHz omnidirectional antennas with 6 dBi peak gain
Two 6 GHz omnidirectional antennas with 6 dBi peak gain
Bluetooth 5.1
Omni Bluetooth Antenna
Beam Forming
Transmit Beamforming and Maximal Ratio Combining
Power Options
802.3af: Single radio, cloud connectivity only
802.3at: Full functionality
Dimensions
230 mm x 230 mm x 50 mm
Weight
1.89 kg
Shipping Box
289 mm x 268 mm x 191 mm
Operating Temperature Internal antenna: 0° to 40° C
Operating Humidity
10% to 90% maximum relative humidity, non- condensing
Operating Altitude
3,048 m (10,000 ft)
Trusted Platform
Module (TPM)
Includes a TPM for infrastructure security
I/O and Indicators
IoT Sensors
Temperature, Accelerometer
USB
USB 2.0 support interface, 900 mA output
Eth0
100/1000/2500/5000Base-T (802.3bz); RJ45; PoE PD
Reset
Reset to the factory default settings
Indicators
One multicolor status LED
Traffic Forwarding Options
Eth0, Juniper Mist Edge
Mounting Brackets
APBR-U1
Universal bracket
APBR-ADP-M16
16mm threaded rod (M16-2)
APBR-ADP-T58
3⁄8” Threaded Rod
APBR-ADP-CR9
9⁄16” T-Rail, Channel Rail
APBR-ADP-RT15
15⁄16” T-Rail
APBR-ADP-WS15
1-1/2” T-Rail
APBR-ADP-T12
1/2” threaded rod
2
The AP package includes one Universal Bracket. APBR-U is also available separately as an accessory.
Ordering Information
United States Only
AP34-US (Internal Antenna)
Outside of United States
AP34-WW (Internal Antenna)
Juniper products are manufactured in accordance with electrical and environmental regulations specific to certain
regions and countries. Customers are responsible for ensuring that any regional or country-specific SKUs are only used
in the specified authorized area. Failure to do so may void the warranty of the Juniper products.
AP34 Access Point Datasheet
5



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com