| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AFL2805SW/CH bảng dữ liệu(PDF) 10 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
AFL2805SW/CH bảng dữ liệu(HTML) 10 Page - International Rectifier |
|
10 / 12 page ![]() 10 www.irf.com AFL28XXS Series Mechanical Outlines Case X Case W Pin Variation of Case Y 1.260 1.500 2.500 2.760 3.000 ø 0.128 0.250 1.000 Ref 0.200 Typ Non-cum 0.050 0.220 Pin ø 0.040 0.238 max 0.380 Max 2.975 max 0.050 0.220 0.250 1.000 Pin ø 0.040 0.525 0.380 Max 2.800 0.42 Case Y Case Z Pin Variation of Case Y 1.500 1.750 2.500 0.25 typ 1.150 0.050 0.220 1.750 0.375 2.00 0.250 1.000 Ref 0.200 Typ Non-cum Pin ø 0.040 0.300 ø 0.140 0.238 max 0.380 Max 2.975 max 0.050 0.220 0.250 1.000 Ref Pin ø 0.040 0.525 0.380 Max 2.800 0.36 BERYLLIA WARNING: These converters are hermetically sealed; however they contain BeO substrates and should not be ground or subjected to any other operations including exposure to acids, which may produce Beryllium dust or fumes containing Beryllium Tolerances, unless otherwise specified: .XX = ±0.010 .XXX = ±0.005 |