công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADU2 bảng dữ liệu(PDF) 49 Page - List of Unclassifed Manufacturers

tên linh kiện ADU2
Giải thích chi tiết về linh kiện  Operation and Reference Manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

ADU2 bảng dữ liệu(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button ADU2 Datasheet HTML 45Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 46Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 47Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 48Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 49Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 50Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 51Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 52Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 162 page
background image
Antenna Calibration
Page 37
the file REF.SAT.
The first line of the file lists the reference channel, that is, the channel on which
the reference satellite is tracked. The ADU2 receiver has 12 possible channels,
which the software numbers 0 through 11. The second line lists satellites with
cycle-slips in the data file and are eliminated. The third line indicates the data
collection sampling period was the particular for the particular B-file being
scanned. The last two lines list the starting epoch of the good data and the num-
ber of epochs of data to process.
An SV of “100” indicates that no satellite is being tracked on that channel.
Unhealthy satellites are automatically rejected.
If Step 1 is unsuccessful, the Determine Good Period of Data screen opens (Fig-
ure 4.7):
Figure 4.6: Determine Good Period of Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More