| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA543SA bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA543SA bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 23 page ![]() 5 General structure STA543SA 18/23 CD00061065 Figure 12. Fault waveforms 5.8 Handling of the diagnostic information As different kinds of information is available at the same pin (clipping detection, output fault, thermal proximity), this signal must be handled properly in order to discriminate the event. This could be done taking into account the different timing of the diagnostic output during each case. Normally the clip detector signalling produces a low level at out 12 that present under faulty conditions: based on this assumption an interface circuitry to differentiate the information is the represented in the schematic of Figure 14. Figure 13. Waveforms SOFT SHORT OUT TO Vs SHORT FAULT DETECTION CORRECT TURN-ON OUT TO GND SHORT t t t ST-BY PIN VOLTAGE 2V OUTPUT WAVEFORM Vpin 12 CHECK AT TURN-ON (TEST PHASE) SHORT TO GND OR TO Vs D05AU1603 t t t ST-BY PIN VOLTAGE Vs OUTPUT WAVEFORM Vpin 12 WAVEFORM SHORT TO GND OR TO Vs D05AU1604 CLIPPING THERMAL PROXIMITY |