công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI5C6800CL bảng dữ liệu(PDF) 3 Page - Pericom Semiconductor Corporation

tên linh kiện PI5C6800CL
Giải thích chi tiết về linh kiện  10-Bit Bus Switch with Precharged Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C6800CL bảng dữ liệu(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5C6800CL Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C6800CL Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C6800CL Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C6800CL Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C6800CL Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
PS8351F
03/23/07
PI5C6800C
10-Bit Bus Switch with
Precharged Outputs
Notes:
1.
This parameter is warranted but not production tested. The propagation delay is based on the RC time constant of the typical On-State resis-
tance of the switch and a load capacitance of 50pF, when driven by an ideal voltage source (zero output impedance).
Parameter Measurements
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Notes:
1. CL includes probe and jig capacitance.
2. Waveform 1 is for an output with internal conditions such that the output is LOW except when disabled by the output control. Waveform 2 is
for an output with internal conditions such that the output is HIGH except when disabled by the output control.
•
All input pulses are supplied by generators having the following characteristics: PRR < 10MHz, Zo = 50Ω, tr ≤ 2.5ns, tf ≤ 2.5ns.
•
The outputs are measured one at a time with one transition per measurement.
•
tPLZ and tPHZ are the same as tdis.
•
tPZL and tPZH are the same as ten.
•
tPLH and tPHL are the same as tpd.
tPZL
Output
Control
(Low Level
Enabling)
0V
1.5V
1.5V
1.5V
1.5V
tPLZ
tPHZ
VOL
3.5V
0V
tPZH
+0.3V
-0.3V
Output
Waveform 1
S1 at 6V
(see Note 2)
Output
Waveform 2
S1 at Open
(see Note 2)
VOH
VOH
VOL
3V
7V
Open
GND
S1
LOAD CIRCUIT
From Output
Under Test
CL = 50pF
(See note 1)
Input
tPLH
tPHL
3V
1.5V
1.5V
1.5V
1.5V
0V
Output
VOH
VOL
Switching Characteristics (Over Recommended Operating Free-air Temperature Range, CL = 50pF)
Parameter
Test Conditions
From (Input)
To (Input)
VCC = 5V ±0.5V
VCC = 4V
Units
Min.
Max.
Min.
Max.
tPD(1)
A or B
B or A
0.25
0.25
ns
tPZH
BIASV = GND
ON
A or B
3.1
5
6
tPZL
BIASV = 3V
3.6
5
6
tPHZ
BIAS = GND
ON
A or B
2.7
5
5.5
tPLZ
BIAS = 3V
3
5
5.5
Test
S1
tPD
Open
tPLZ/tPZL
7V
tPHZ/tPZH
Open
07-0073



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com