| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAC7101CVF50 bảng dữ liệu(PDF) 38 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7101CVF50 bảng dữ liệu(HTML) 38 Page - Freescale Semiconductor, Inc |
|
38 / 56 page ![]() MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2 Preliminary Device Pin Assignments Freescale Semiconductor 38 PE2 AN2_A — EVTI' — 93 101 101 77 77 F13 F13 68 PE3 AN3_A — MDO0' — 95 102 102 78 78 F14 F14 69 PE4 AN4_A — MDO1' — 97 103 103 79 79 E13 E13 70 PE5 AN5_A — MSEO' — 99 104 104 80 80 E14 E14 71 PE6 AN6_A — RDY' — 101 105 105 81 81 D15 D15 72 PE7 AN7_A — — — 103 106 106 82 82 C15 C15 73 PE8 AN8_A — — — 105 107 107 83 83 C14 C14 74 PE9 AN9_A — — — 107 108 108 84 84 D14 D14 75 PE10 AN10_A — — — 113 113 113 89 89 B13 B13 80 PE11 AN11_A — — — 115 114 114 90 90 C12 C12 81 PE12 AN12_A — — — 117 115 115 91 91 A12 A12 82 PE13 AN13_A — — — 119 116 116 92 92 B11 B11 83 PE14 AN14_A — — — 121 117 117 93 93 A10 A10 84 PE15 AN15_A — — — 123 118 118 94 94 A9 A9 85 PF0 eMIOS0 — Debug Status 7 NEXPS 43 43 43 35 35 T5 T5 32 PF1 eMIOS1 — Debug Status 7 NEXPR 42 42 42 34 34 R5 R5 31 PF2 eMIOS2 — Debug Status 7 — 4141 4133 33 T4 T4 30 PF3 eMIOS3 — Debug Status 7 — 4040 4032 32 R4 R4 29 PF4 eMIOS4 — Debug Status 7 — 3939 3931 31 T3 T3 28 PF5 eMIOS5 — Debug Status 7 — 3838 3830 30 P4 P4 27 PF6 eMIOS6 — Debug Status 7 — 3737 3729 29 R3 R3 26 PF7 eMIOS7 — Debug Status 7 — 3636 3628 28 R1 R1 25 PF8 eMIOS8 — Debug Status 7 — 3535 3527 27 P2 P2 24 PF9 eMIOS9 — Debug Status 7 — 3434 3426 26 P1 P1 23 PF10 eMIOS10 — Debug Status 7 — 3333 3325 25 N2 N2 22 PF11 eMIOS11 — Debug Status 7 — 3232 3224 24 N1 N1 21 PF12 eMIOS12 — Debug Status 7 — 2727 2723 23 M1 M1 20 PF13 eMIOS13 — Debug Status 7 — 26 2626 2222 L2L2 19 PF14 eMIOS14 — Debug Status 7 — 25 2525 2121 L1L1 18 PF15 eMIOS15 — Debug Status 7 — 2424 2420 20 K3 K3 17 PG0 RXD_B — — — 141 141 141 109 109 A3 A3 97 PG1 TXD_B — — — 142 142 142 110 110 C4 C4 98 PG2 RXD_A — — — 143 143 143 111 111 B3 B3 99 PG3 TXD_A — — — 144 144 144 112 112 C2 C2 100 PG4 CNTX_A — — — 1 1 1 1 1 D3 D3 1 PG5 CNRX_A — — — 222 22 C1 C1 2 PG6 CNTX_B — — — 7 7 7 7 7 E1 E1 3 PG7 CNRX_B — — — 888 88 F2 F2 4 PG8 CNTX_C 8 — — — 333 33 D2 D2 — PG9 CNRX_C 8 — — — 444 44 D1 D1 — PG10 CNTX_D 8 — — — 555 55 E3 E3 — PG11 CNRX_D 8 — — — 666 66 E2 E2 — PG12 RXD_D 8 — — — 51 51 51 39 39 R7 R7 36 PG13 TXD_D 8 — — — 52 52 52 40 40 R8 R8 37 Table 37. Signal Pin Assignments (continued) Primary / GPIO Function Peripheral Function 1 External Bus Function 1 Debug Function 1 Read on Reset Pin Number (by Device) 7101 7106 7111 7116 7112 7121 7126 7122 7131 7136 7141 7142 |