công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M68CBL11B bảng dữ liệu(PDF) 21 Page - Freescale Semiconductor, Inc

tên linh kiện M68CBL11B
Giải thích chi tiết về linh kiện  HC11 Microcontrollers
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68CBL11B bảng dữ liệu(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button M68CBL11B Datasheet HTML 17Page - Freescale Semiconductor, Inc M68CBL11B Datasheet HTML 18Page - Freescale Semiconductor, Inc M68CBL11B Datasheet HTML 19Page - Freescale Semiconductor, Inc M68CBL11B Datasheet HTML 20Page - Freescale Semiconductor, Inc M68CBL11B Datasheet HTML 21Page - Freescale Semiconductor, Inc M68CBL11B Datasheet HTML 22Page - Freescale Semiconductor, Inc M68CBL11B Datasheet HTML 23Page - Freescale Semiconductor, Inc M68CBL11B Datasheet HTML 24Page - Freescale Semiconductor, Inc M68CBL11B Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 242 page
background image
Pin Descriptions
M68HC11E Family Data Sheet, Rev. 5.1
Freescale Semiconductor
21
1.4.1 VDD and VSS
Power is supplied to the MCU through VDD and VSS. VDD is the power supply, VSS is ground. The MCU
operates from a single 5-volt (nominal) power supply. Low-voltage devices in the E series operate at
3.0–5.5 volts.
Very fast signal transitions occur on the MCU pins. The short rise and fall times place high, short duration
current demands on the power supply. To prevent noise problems, provide good power supply bypassing
at the MCU. Also, use bypass capacitors that have good
high-frequency characteristics and situate them as close to the MCU as possible. Bypass requirements
vary, depending on how heavily the MCU pins are loaded.
Figure 1-7. External Reset Circuit
Figure 1-8. External Reset Circuit with Delay
4.7 k
Ω
TO RESET
VDD
MC34(0/1)64
RESET
GND
IN
OF M68HC11
2
1
3
VDD
TO RESET
VDD
MC34064
RESET
GND
IN
OF M68HC11
RESET
GND
IN
MANUAL
RESET SWITCH
4.7 k
Ω
1.0
µF
MC34164
4.7 k
Ω
VDD
VDD
OPTIONAL POWER-ON DELAY AND MANUAL RESET SWITCH
4.7 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com