| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MFS5600AVMADEP bảng dữ liệu(PDF) 29 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFS5600AVMADEP bảng dữ liệu(HTML) 29 Page - NXP Semiconductors |
|
29 / 118 page ![]() NXP Semiconductors FS5600 Automotive buck regulator and controller with voltage monitors and watchdog timer 12.2.5 Soft-start Startup of SW2 is internally controlled to eliminate overshoot and control the inrush current. Soft-start time is programmable via OTP using the OTP_SW2_SS bit. See Table 18 for values. 12.2.6 Current limit protection Cycle-by-cycle current limit is utilized to limit the total permissible output current. Output voltage returns to regulation when the overcurrent is removed. Current limit value is programmable to 4 different values via OTP using the OTP_SW2_ILIM[1:0] bits. See Table 18 for values. 12.2.7 Slope compensation Slope compensation for the controller is set via OTP using the OTP_SW2_SLOPECOMP[5:0] bits. See Section 12.2.1 "SW2 external component selection" for values to use based on operating conditions. OTP_SW2_SLOPECOMP[5:0] SW2 slope compensation (mV/µs) 000000 0 000001 10 000010 20 000011 31 000100 41 000101 51 000110 62 000111 72 001000 82 001001 92 001010 103 001011 113 001100 123 001101 134 001110 144 001111 154 010000 175 010001 195 010010 216 010011 237 010100 258 010101 279 010110 299 010111 320 011000 340 Table 26. OTP_SW2_SLOPECOMP[5:0] selection FS5600 All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 4 — 29 April 2024 29 / 118 |