| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MFS5600AMMA8ES bảng dữ liệu(PDF) 73 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFS5600AMMA8ES bảng dữ liệu(HTML) 73 Page - NXP Semiconductors |
|
73 / 118 page ![]() NXP Semiconductors FS5600 Automotive buck regulator and controller with voltage monitors and watchdog timer ADDRESS Register Name Default BIT15 BIT7 BIT14 BIT6 BIT13 BIT5 BIT12 BIT4 BIT11 BIT3 BIT10 BIT2 BIT9 BIT1 BIT8 BIT0 MSB — — — — — — — — 0000_0000 — — — — — — — — LSB — — — — — — NOT_ GOTO_ INIT_RUN NOT_ GOTO_ NORMAL 0x25 NOT_ STATE_CTRL 0000_0011 — — — — — — EXTRW EXTRW MSB — — — — — — — — 0000_0000 — — — — — — — — LSB — — — PMIC_FSM[4:0] 0x26 STATE 0000_0000 — — — RO RO RO RO RO MSB — — FULL_LAYER_REV[2:0] METAL_LAYER_REV[2:0] 0000_0000 — — RO RO RO RO RO RO LSB FAM_ID[3:0] DEVICEID[3:0] 0x27 ID1 1011_0000 RO RO RO RO RO RO RO RO MSB Reserved for NXP use. 0000_0000 Reserved for NXP use. LSB Reserved for NXP use. 0x28 ID2 1011_0000 Reserved for NXP use. Table 54. I2C register map...continued FS5600 All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 4 — 29 April 2024 73 / 118 |