| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MFS5600AMMA7ES bảng dữ liệu(PDF) 89 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFS5600AMMA7ES bảng dữ liệu(HTML) 89 Page - NXP Semiconductors |
|
89 / 118 page ![]() NXP Semiconductors FS5600 Automotive buck regulator and controller with voltage monitors and watchdog timer Bit Symbol Description Reset Condition — POR 12 FCCU2_FLT_POL FCCU2 fault polarity. Applied only when FCCU2_FLT_POL = NOT(NOT_FCCU2_FLT_ POL). 1b'0 — FCCU2 low is a fault. 1b'1 — FCCU2 high is a fault. Reset Condition — POR 8 FCCU12_BISTABLE FCCU1/FCCU2 bistable control. Applied only when FCC12_BISTABLE = NOT(NOT_FCCU12_ BISTABLE). 1b'0 — Independent FCCU1/FCCU2. 1b'1 — FCCU1/FCCU2 configured as bistable. Reset Condition — POR Table 79. FCCU_CFG register description...continued 18.1.25 NOT_FCCU_CFG register Bit Symbol Description 14 NOT_FCCU12_FLT_POL FCCU bistable fault polarity. See FCCU12_FLT_POL in FCCU_CFG register. Reset Condition — POR 13 NOT_FCCU1_FLT_POL FCCU1 fault polarity. See FCCU1_FLT_POL in FCCU_CFG register. Reset Condition — POR 12 NOT_FCCU2_FLT_POL FCCU2 fault polarity. See FCCU2_FLT_POL in FCCU_CFG register. Reset Condition — POR 8 NOT_FCCU12_BISTABLE FCCU1/FCCU2 bistable control. See FCCU12_BISTABLE in FCCU_CFG register. Reset Condition — POR Table 80. NOT_FCCU_CFG register description 18.1.26 STATE_CTRL register Bit Symbol Description 15 DBG_EXIT Used to unlatch debug mode. 1b'0 — Nothing happens. 1b'1 — Exit debug mode. Reset Condition — POR 1 GOTO_INIT_RUN Go to INIT_RUN state command. Applied only when GOTO_INIT_RUN = NOT(NOT_GOTO_INIT_ RUN). 1b'0 — Nothing happens. 1b'1 — Go to INIT_RUN state (if current state is NORMAL, bit self- cleared when in state INIT_RUN). Reset Condition — POR Table 81. STATE_CTRL register description FS5600 All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 4 — 29 April 2024 89 / 118 |