| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPL115A1ST1 bảng dữ liệu(PDF) 1 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPL115A1ST1 bảng dữ liệu(HTML) 1 Page - NXP Semiconductors |
|
1 / 23 page ![]() MPL115A1S Miniature SPI digital barometer, 50 kPa to 115 kPa Rev. 1.3 — 17 May 2024 Product data sheet 1 General description The MPL115A1S is an absolute pressure sensor with a digital SPI output targeting low-cost applications. A miniature 5 x 3 x 1.2 mm LGA package is ideally suited for the space constrained requirements of portable electronic devices. Low current consumptions of 5 μA during Active mode and 1 μA during Shutdown (Sleep) mode are essential when focusing on low-power applications. The wide operating temperature range spans from –40 °C to +105 °C to fit demanding environment conditions. The MPL115A1S employs a MEMS pressure sensor with a conditioning IC to provide accurate pressure measurements from 50 kPa to 115 kPa. An integrated ADC converts pressure and temperature sensor readings to digitized outputs via a SPI port. Factory calibration data is stored internally in an onboard ROM. Utilizing the raw sensor output and calibration data, the host microcontroller executes a compensation algorithm to render Compensated Absolute Pressure with ±1 kPa accuracy. The MPL115A1S pressure sensor’s small form factor, low-power capability, precision, and digital output optimize it for barometric measurement applications. 2 Features • Digitized pressure and temperature information together with programmed calibration coefficients for host micro use. • Factory calibrated • 50 kPa to 115 kPa absolute pressure • ±1 kPa accuracy • 2.375 V to 5.5 V supply • Integrated ADC • SPI Interface • Monotonic pressure and temperature data outputs • Surface mount RoHS compliant package 3 Applications • Barometry (portable and desktop) • Altimeters • Weather stations • Hard-disk drives (HDD) • Industrial equipment • Health monitoring • Air control systems |
Số phần tương tự - MPL115A1ST1 |
|
Mô tả tương tự - MPL115A1ST1 |