| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MFS5600AMBA0ES bảng dữ liệu(PDF) 36 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFS5600AMBA0ES bảng dữ liệu(HTML) 36 Page - NXP Semiconductors |
|
36 / 118 page ![]() NXP Semiconductors FS5600 Automotive buck regulator and controller with voltage monitors and watchdog timer A frequency watchdog monitors the external clock at the SYNCIN pin. If the external clock is not present or invalid, the device automatically switches to the internal clock. The device switches back to the external clock if the frequency watchdog detects a valid input. When the external clock is selected, the switching regulators should be set in PWM mode at the application level to ensure clock synchronization. 14.6 SYNCOUT function settings The GPIO2 pin may be configured as SYNCOUT via OTP by setting OTP_GPIO2_CFG[1:0] = 0b10. When configured as SYNCOUT, GPIO2 outputs the clock that the SW1 regulator uses (in terms of phasing and frequency) in a push-pull mode railing to VDDIO and ground. FS5600 All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 4 — 29 April 2024 36 / 118 |