công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PAC7101 bảng dữ liệu(PDF) 37 Page - Freescale Semiconductor, Inc

tên linh kiện PAC7101
Giải thích chi tiết về linh kiện  Microcontroller Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PAC7101 bảng dữ liệu(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button PAC7101 Datasheet HTML 33Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 34Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 35Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 36Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 37Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 38Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 39Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 40Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
Device Pin Assignments
MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2
Preliminary
Freescale Semiconductor
37
PB8
PCS5_A /
PCSS_A
—
—
—
23
23
23
19
19
K2
K2
16
PB9
PCS0_B /
SS_B
—
—
—
72
72
72
56
56
T14
T14
51
PB10
PCS5_B /
PCSS_B
—
—
—
73
73
73
57 5
57
R14
R14
52
PB11
PCS2_B
—
—
—
74
74
74
— 5
—N14
N14
53
PB12
PCS1_B
—
—
—
75
75
75
58
58
P15
P15
54
PB13
SCK_B
—
—
—
76
76
76
59
59
P16
P16
55
PB14
SOUT_B
—
—
—
77
77
77
60
60
N15
N15
56
PB15
SIN_B
—
—
—
78
78
78
61
61
N16
N16
57
PC0
—
ADDR0 3
—
—
999
—
—
F1
F1
—
PC1
—
ADDR1 3
—
—
10
10
10
—
—
F3
F3
—
PC2
—
ADDR2 3
—
—
11
11
11
—
—
G2
G2
—
PC3
—
ADDR3 3
—
—
12
12
12
—
—
G3
G3
—
PC4
—
ADDR4 3
—
—
28
28
28
—
—
L3
L3
—
PC5
—
ADDR5 3
—
—
29
29
29
—
—
M2
M2
—
PC6
—
ADDR6 3
—
—
30
30
30
—
—
M3
M3
—
PC7
—
ADDR7 3
—
—
31
31
31
—
—
N3
N3
—
PC8
—
ADDR8 3
—
—
44
44
44
—
—
P5
P5
—
PC9
—
ADDR9 3
—
—
45
45
45
—
—
R6
R6
—
PC10
—
ADDR10 3
—
—
46
46
46
—
—
P6
P6
—
PC11
—
ADDR11 3
—
—
47
47
47
—
—
T6
T6
—
PC12
—
ADDR12 3
——
—
88
88
—
—
K14
K14
—
PC13
—
ADDR13 3
——
—
89
89
—
—
K13
K13
—
PC14
—
ADDR14 3
——
—
90
90
—
—
K15
K15
—
PC15
—
ADDR15 3
—
—
—9191
6767
J16
J16
—
PD0
—
BS0 3
—
MODB
7070
7054
54
T13
T13
49
PD1
—
BS1 3
—
MODA
7171
7155
55
R13
R13
50
PD2 6
—CLKOUT—
XCLKS
80
80
80
62
62 M16
M16
58
PD3
XIRQ
—
—
—
81
81
81
63
63 M15
M15
59
PD4
IRQ
—
—
—
82
82
82
64
64
L16
L16
60
PD5
—
ADDR16 3
—
—
—
9292
6868
J13
J13
—
PD6
—
ADDR17 3
—
—
—
119
119
95
95
C10
C10
86
PD7
—
ADDR18 3
—
—
—
120
120
96
96
D10
D10
87
PD8
—
ADDR19 3
—
—
—
121
121
97
97
D9
D9
88
PD9
—
ADDR20 3
—
—
—
122
122
98
98
B9
B9
89
PD10
—
ADDR21 3
—
—
—
123
123
99
99
D8
D8
90
PD11
—
OE 3
—
—
68
68
68
—
—
P12
P12
—
PD12
—
CS2 3
—
—
69
69
69
—
—
P13
P13
—
PD13
—
CS1 3
—
—
83
83
83
—
—
L13
L13
—
PD14
—
CS0 3
—
—
84
84
84
—
—
L14
L14
—
PD15
—
R/W 3
—
—
85
85
85
—
—
L15
L15
—
PE0
AN0_A
—
MCKO'
—
89
99
99
75
75 G16
G16
66
PE1
AN1_A
—
EVTO'
—
91
100
100
76
76 G15
G15
67
Table 37. Signal Pin Assignments (continued)
Primary /
GPIO
Function
Peripheral
Function 1
External
Bus
Function 1
Debug
Function 1
Read on
Reset
Pin Number (by Device)
7101
7106
7111
7116
7112
7121
7126
7122
7131
7136
7141
7142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56