công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TBA8455 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện TBA8455
Giải thích chi tiết về linh kiện  Pigtailed PD for analog application
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

TBA8455 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  TBA8455 Datasheet HTML 1Page - List of Unclassifed Manufacturers TBA8455 Datasheet HTML 2Page - List of Unclassifed Manufacturers TBA8455 Datasheet HTML 3Page - List of Unclassifed Manufacturers TBA8455 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Pigtailed PD for analog application
DataSheet TAP4NN3 Series
Teradian Inc.
- 2 / 4 -
DS-TP-110-Rev01
2004-07-14
Absolute Maximum Ratings
Parameters
Symbol
Unit
Min.
Max.
Remarks
Ambient Operating Temperature
Top
℃
-40
85
Outdoor use
Storage Temperature
Tstg
℃
-40
85
Reverse Voltage
VRP
V
-
15/20/
Reverse Current
IRP
mA
-
3/1 /
Forward Current
IFL
mA
-
50/2/
Lead Soldering Temp./Time
℃
/sec
260/10
Electrical & Optical Characteristics
(Top = 25℃)
Parameters
Symbol
Condition
Unit
Min.
Typ.
Max.
Remark
Detection range
λ
VR=5V, R>0.75
R > 0.65
µm
1.1
1.6
Responsivity
R
VR=5V,λ=1.3µm
VR=5V, λ=1.5µm
A/W
0.80
0.85
0.85
0.90
Dark Current
ID
VR=5V
nA
1.0
Cut-off Frequency
fc
-3dB, VR=5V
GHz
2/3
RL=50Ω
Reverse Breakdown
Voltage
VBD
VR=5V, IRD=1µA
V
25/0
Capacitance
C
VR=5V, f=1MHz
pF
0.6
Second-Order Distortion
IMD2
VR=12V,
PAVG=0dBm,
OMI=0.4, Note1
dBc
-70
TAP4NN31)
TZP4NN32)
TBP4NN33)
Third-Order Distortion
IMD3
Note 1
dBc
-75
TZP4NN32)
TBP4NN33)
Back Reflection
IL
dB
-45
Active Area
Diameter
∅
µm
75/70
45
for 2GHz
for 5GHz
Note1-1) TAP4NN3 : Two-tone test condition : f1=13MHz, f2=19MHz, f1
±f2
Note1-2) TZP4NN3 : Two-tone test condition : f1=320MHz, f2=450MHz, f1
±f2, λ=1550nm per channel
Note1-3) TBP4NN3 : same as the Note1-2
! Handling Caution
The Photo-diode can be damaged by overvoltage and current surges. Precautions should be
taken for transient power supply.
This device is susceptible to damage as a result of electrostatic discharge(ESD). Take proper
precautions during both handling and testing



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com