| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
56F802 bảng dữ liệu(PDF) 7 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F802 bảng dữ liệu(HTML) 7 Page - Freescale Semiconductor, Inc |
|
7 / 40 page ![]() Data Sheet Conventions 56F802 Technical Data, Rev. 9 Freescale Semiconductor 7 1.5 Data Sheet Conventions This data sheet uses the following conventions: OVERBAR This is used to indicate a signal that is active when pulled low. For example, the RESET pin is active when low. “asserted” A high true (active high) signal is high or a low true (active low) signal is low. “deasserted” A high true (active high) signal is low or a low true (active low) signal is high. Examples: Signal/Symbol Logic State Signal State Voltage1 1. Values for VIL, VOL, VIH, and VOH are defined by individual product specifications PIN True Asserted VIL/VOL PIN False Deasserted VIH/VOH PIN True Asserted VIH/VOH PIN False Deasserted VIL/VOL |