công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56F801 bảng dữ liệu(PDF) 8 Page - Freescale Semiconductor, Inc

tên linh kiện DSP56F801
Giải thích chi tiết về linh kiện  16-bit Digital Signal Controllers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F801 bảng dữ liệu(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button DSP56F801 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56F801 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56F801 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56F801 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56F801 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56F801 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56F801 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56F801 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56F801 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
56F801 Technical Data, Rev. 16
8
Freescale Semiconductor
Part 2 Signal/Connection Descriptions
2.1 Introduction
The input and output signals of the 56F801 are organized into functional groups, as shown in Table 2-1
and as illustrated in Figure 2-1. In Table 2-2 through Table 2-12, each table row describes the signal or
signals present on a pin.
Table 2-1 Functional Group Pin Allocations
Functional Group
Number of
Pins
Detailed
Description
Power (VDD or VDDA)5
Table 2-2
Ground (VSS or VSSA)6
Table 2-3
Supply Capacitors
2
Table 2-4
PLL and Clock
2
Table 2-5
Interrupt and Program Control
2
Table 2-6
Pulse Width Modulator (PWM) Port
7
Table 2-7
Serial Peripheral Interface (SPI) Port1
1.
Alternately, GPIO pins
4
Table 2-8
Serial Communications Interface (SCI) Port1
2
Table 2-9
Analog-to-Digital Converter (ADC) Port
9
Table 2-10
Quad Timer Module Port
3
Table 2-11
JTAG/On-Chip Emulation (OnCE)
6
Table 2-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48