| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC101161DJ bảng dữ liệu(PDF) 21 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC101161DJ bảng dữ liệu(HTML) 21 Page - Freescale Semiconductor, Inc |
|
21 / 142 page ![]() Device User Guide — 9S12DT128DGV2/D V02.15 21 Freescale Semiconductor – Do not write or read Byteflight registers (after reset: address range $0300 - $035F), if using a derivative without Byteflight registers (see (Table 0-1) and (Table 0-2)). • Interrupts – Fill the four CAN0 interrupt vectors ($FFB0 - $FFB7) according to your coding policies for unused interrupts, if using a derivative without CAN0 (see (Table 0-1) and (Table 0-2)). – Fill the four CAN1 interrupt vectors ($FFA8 - $FFAF) according to your coding policies for unused interrupts, if using a derivative without CAN1 (see (Table 0-1) and (Table 0-2)). – Fill the four CAN4 interrupt vectors ($FF90 - $FF97) according to your coding policies for unused interrupts, if using a derivative without CAN4 (see (Table 0-1) and (Table 0-2)). – Fill the BDLC interrupt vector ($FFC2, $FFC3) according to your coding policies for unused interrupts, if using a derivative without BDLC (see (Table 0-1) and (Table 0-2)). – Fill the IIC interrupt vector ($FFC0, $FFC1) according to your coding policies for unused interrupts, if using a derivative without IIC (see (Table 0-1) and (Table 0-2)). – Fill the four Byteflight interrupt vectors ($FFA0 - $FFA7) according to your coding policies for unused interrupts, if using a derivative without Byteflight (see (Table 0-1) and (Table 0-2)). • Ports – The CAN0 pin functionality (TXCAN0, RXCAN0) is not available on port PJ7, PJ6, PM5, PM4, PM3, PM2, PM1 and PM0, if using a derivative without CAN0 (see (Table 0-1) and (Table 0-2)). – The CAN1 pin functionality (TXCAN1, RXCAN1) is not available on port PM3 and PM2, if using a derivative without CAN1 (see (Table 0-1) and (Table 0-2)). – The CAN4 pin functionality (TXCAN4, RXCAN4) is not available on port PJ7, PJ6, PM7, PM6, PM5 and PM4, if using a derivative without CAN4 (see (Table 0-1) and (Table 0-2)). – The BDLC pin functionality (TXB, RXB) is not available on port PM1 and PM0, if using a derivative without BDLC (see (Table 0-1) and (Table 0-2)). – The IIC pin functionality (SCL, SCA) is not available on port PJ7 and PJ6, if using a derivative without IIC (see (Table 0-1) and (Table 0-2)). – The Byteflight pin functionality (BF_PSLM, BF_PERR, BF_PROK, BF_PSYN, TX_BF, RX_BF) is not available on port PM7, PM6, PM5, PM4, PM3 and PM2, if using a derivative without Byteflight (see (Table 0-1) and (Table 0-2)). – Do not write MODRR1 and MODRR0 Bit of Module Routing Register (PIM_9DTB128 Block User Guide), if using a derivative without CAN0 (see (Table 0-1) and (Table 0-2)). – Do not write MODRR3 and MODRR2 Bit of Module Routing Register (PIM_9DTB128 Block User Guide), if using a derivative without CAN4 (see (Table 0-1) and (Table 0-2)). • Pins not available in 80 pin QFP package for MC9S12DG128E, MC9S12DG128, MC9S12DJ128E, MC9S12DJ128, MC9S12A128, SC515847, SC515848, SC101161DG, SC101161DJ, SC102203, and SC102204 |