công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC101161DG bảng dữ liệu(PDF) 87 Page - Freescale Semiconductor, Inc

tên linh kiện SC101161DG
Giải thích chi tiết về linh kiện  Device User Guide
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC101161DG bảng dữ liệu(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button SC101161DG Datasheet HTML 83Page - Freescale Semiconductor, Inc SC101161DG Datasheet HTML 84Page - Freescale Semiconductor, Inc SC101161DG Datasheet HTML 85Page - Freescale Semiconductor, Inc SC101161DG Datasheet HTML 86Page - Freescale Semiconductor, Inc SC101161DG Datasheet HTML 87Page - Freescale Semiconductor, Inc SC101161DG Datasheet HTML 88Page - Freescale Semiconductor, Inc SC101161DG Datasheet HTML 89Page - Freescale Semiconductor, Inc SC101161DG Datasheet HTML 90Page - Freescale Semiconductor, Inc SC101161DG Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 142 page
background image
Device User Guide — 9S12DT128DGV2/D V02.15
87
Freescale Semiconductor
Consult the ECT_16B8C Block User Guide for information about the Enhanced Capture Timer
module.When the ECT_16B8C Block User Guide refers to freeze mode this is equivalent to active BDM
mode.
Section 10 Analog to Digital Converter (ATD) Block
Description
There are two Analog to Digital Converters (ATD1 and ATD0) implemented on the MC9S12DT128.
Consult the ATD_10B8C Block User Guide for information about each Analog to Digital Converter
module. When the ATD_10B8C Block User Guide refers to freeze mode this is equivalent to active BDM
mode.
Section 11 Inter-IC Bus (IIC) Block Description
Consult the IIC Block User Guide for information about the Inter-IC Bus module.
Section 12 Serial Communications Interface (SCI) Block
Description
There are two Serial Communications Interfaces (SCI1 and SCI0) implemented on the MC9S12DT128
device. Consult the SCI Block User Guide for information about each Serial Communications Interface
module.
Section 13 Serial Peripheral Interface (SPI) Block
Description
There are two Serial Peripheral Interfaces (SPI1 and SPI0) implemented on MC9S12DT128. Consult the
SPI Block User Guide for information about each Serial Peripheral Interface module.
Section 14 J1850 (BDLC) Block Description
Consult the BDLC Block User Guide for information about the J1850 module.
Section 15 Byteflight (BF) Block Description
Consult the BF Block User Guide for information about the 10 Mbps Byteflight module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More