| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
56F8014 bảng dữ liệu(PDF) 13 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8014 bảng dữ liệu(HTML) 13 Page - Freescale Semiconductor, Inc |
|
13 / 125 page ![]() Product Documentation 56F8014 Technical Data, Rev. 9 Freescale Semiconductor 13 Preliminary 1.5 Product Documentation The documents listed in Table 1-1 are required for a complete description and proper design with the 56F8014. Documentation is available from local Freescale distributors, Freescale Semiconductor sales offices, Freescale Literature Distribution Centers, or online at: http://www.freescale.com Table 1-1 56F8014 Chip Documentation 1.6 Data Sheet Conventions This data sheet uses the following conventions: Topic Description Order Number DSP56800E Reference Manual Detailed description of the 56800E family architecture, 16-bit Digital Signal Controller core processor, and the instruction set DSP56800ERM 56F801X Peripheral Reference Manual Detailed description of peripherals of the 56F801X family of devices MC56F8000RM 56F801x Serial Bootloader User Guide Detailed description of the Serial Bootloader in the 56F801x family of devices 56F801xBLUG 56F8014 Technical Data Sheet Electrical and timing specifications, pin descriptions, and package descriptions (this document) MC56F8014 56F8014 Errata Details any chip issues that might be present MC56F8014E OVERBAR This is used to indicate a signal that is active when pulled low. For example, the RESET pin is active when low. “asserted” A high true (active high) signal is high or a low true (active low) signal is low. “deasserted” A high true (active high) signal is low or a low true (active low) signal is high. Examples: Signal/Symbol Logic State Signal State Voltage1 1. Values for VIL, VOL, VIH, and VOH are defined by individual product specifications. PIN True Asserted VIL/VOL PIN False Deasserted VIH/VOH PIN True Asserted VIH/VOH PIN False Deasserted VIL/VOL |