công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IRMCF343 bảng dữ liệu(PDF) 15 Page - International Rectifier

tên linh kiện IRMCF343
Giải thích chi tiết về linh kiện  Sensorless Motor Control IC for Appliances
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

IRMCF343 bảng dữ liệu(HTML) 15 Page - International Rectifier

Back Button IRMCF343 Datasheet HTML 11Page - International Rectifier IRMCF343 Datasheet HTML 12Page - International Rectifier IRMCF343 Datasheet HTML 13Page - International Rectifier IRMCF343 Datasheet HTML 14Page - International Rectifier IRMCF343 Datasheet HTML 15Page - International Rectifier IRMCF343 Datasheet HTML 16Page - International Rectifier IRMCF343 Datasheet HTML 17Page - International Rectifier IRMCF343 Datasheet HTML 18Page - International Rectifier IRMCF343 Datasheet HTML 19Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
IRMCF343
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
15
6.4
PLL and Oscillator DC Characteristics
Symbol
Parameter
Min
Typ
Max
Condition
VPLLVDD
Supply Voltage
1.62 V
1.8 V
1.92 V
Recommended
VIL OSC
Oscillator Input Low
Voltage
VPLLVSS
-
0.2*
VPLLVDD
VPLLVDD = 1.8 V
(1)
VIH OSC
Oscillator Input High
Voltage
0.8*
VPLLVDD
VPLLVDD
VPLLVDD = 1.8 V
(1)
Table 4.
PLL DC Characteristics
Note:
(1) Data guaranteed by design.
6.5
Analog I/O DC Characteristics
- OP amps for current sensing (IFB+, IFB-, IFBO, IPFC+, IPFC-, IPFCO)
CAREF = 1nF, CMEXT= 100nF. Unless specified, Ta = 25˚C.
Symbol
Parameter
Min
Typ
Max
Condition
VAVDD
Supply Voltage
1.71 V
1.8 V
1.89 V
Recommended
VOFFSET
Input Offset Voltage
-
-
26 mV
VAVDD = 1.8 V
VI
Input Voltage Range
0 V
1.2 V
Recommended
VOUTSW
OP amp output
operating range
50 mV
(1)
-
1.2 V
VAVDD = 1.8 V
CIN
Input capacitance
-
3.6 pF
-
(1)
RFDBK
OP amp feedback
resistor
5 k
Ω
-
20 k
Ω
Requested
between op amp
output and
negative input
OP GAINCL
Operating Close loop
Gain
80 db
-
-
(1)
CMRR
Common Mode
Rejection Ratio
-
80 db
-
(1)
ISRC
Op amp output source
current
-
1 mA
-
VOUT = 0.6 V
(1)
ISNK
Op amp output sink
current
-
100 μA
-
VOUT = 0.6 V
(1)
Table 5.
Analog I/O DC Characteristics
Note:
(1) Data guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com