công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2016-7607 bảng dữ liệu(PDF) 2 Page - WAGO Kontakttechnik GmbH & Co. KG

tên linh kiện 2016-7607
Giải thích chi tiết về linh kiện  2-conductor ground terminal block; 16 mm²; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP®; 16,00 mm²; green yellow
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Trang chủ  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

2016-7607 bảng dữ liệu(HTML) 2 Page - WAGO Kontakttechnik GmbH & Co. KG

  2016-7607 Datasheet HTML 1Page - WAGO Kontakttechnik GmbH & Co. KG 2016-7607 Datasheet HTML 2Page - WAGO Kontakttechnik GmbH & Co. KG 2016-7607 Datasheet HTML 3Page - WAGO Kontakttechnik GmbH & Co. KG 2016-7607 Datasheet HTML 4Page - WAGO Kontakttechnik GmbH & Co. KG 2016-7607 Datasheet HTML 5Page - WAGO Kontakttechnik GmbH & Co. KG 2016-7607 Datasheet HTML 6Page - WAGO Kontakttechnik GmbH & Co. KG 2016-7607 Datasheet HTML 7Page - WAGO Kontakttechnik GmbH & Co. KG 2016-7607 Datasheet HTML 8Page - WAGO Kontakttechnik GmbH & Co. KG 2016-7607 Datasheet HTML 9Page - WAGO Kontakttechnik GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Data sheet | Item number: 2016-7607
www.wago.com/2016-7607
Subject to changes. Please also observe the further product documentation!
WAGO GmbH & Co. KG
Hansastr. 27
32423 Minden
Phone: +49571 887-0 | Fax: +49571 887-169
Email: info.de@wago.com | Web: www.wago.com
Do you have any questions about our products?
We are always happy to take your call at +49 (571) 887-44222.
23.11.2021    Page /
2 12
Note on rated current 1
15 mm high DIN-35 rails shall be used for a current load higher than
76 A!
Connection data
Total number of connection points
2
Total number of potentials
1
Number of levels
1
Number of jumper slots
2
Connection 1
Connection technology
Push-in CAGE CLAMP
®
Actuation type
Push-in
Operating tool
Connectable conductor materials
Copper
Nominal cross-section
16 mm²
Solid conductor
0.5 … 16 mm² / 20 … 6 AWG
Solid conductor; push-in termination
6 … 16 mm² / 14 … 6 AWG
Fine-stranded conductor
0.5 … 25 mm² / 20 … 4 AWG
Fine-stranded conductor; with insulated ferrule
0.5 … 16 mm² / 20 … 6 AWG
Fine-stranded conductor; with ferrule; push-in termination
6 … 16 mm² / 10 … 6 AWG
Note (conductor cross-section)
Depending on the conductor characteristic, a conductor with a
smaller cross-section can also be inserted via push-in termination.
Strip length
18 … 20 mm / 0.71 … 0.79 inch
Wiring direction
Front-entry wiring
Physical data
Width
12 mm / 0.472 inch
Height
85.7 mm / 3.374 inch
Depth from upper edge of DIN-rail
40.8 mm / 1.606 inch
Mechanical data
Design
angled
Mounting type
DIN-35 rail
Marking level
Center/side marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com