| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMFL2815S/HO bảng dữ liệu(PDF) 11 Page - Interpion semiconductor |
|
|
|||||||||||||||||||||||||||||
SMFL2815S/HO bảng dữ liệu(HTML) 11 Page - Interpion semiconductor |
|
11 / 13 page ![]() Class H and K, QMl sCreening: eleMent evaluation Definitions: Element Evaluation: Component testing/screening per MIL-STD-883 as determined by MIL-PRF-38534 SEM: Scanning Electron Microscopy SLAM™: Scanning Laser Acoustic Microscopy C-SAM: C - Mode Scanning Acoustic Microscopy Notes: 1. Non-QML products do not meet all of the requirements of MIL-PRF-38534 2. M/S = Active components (Microcircuit and Semiconductor Die) 3. P = Passive components 4. Not applicable to EMI filters that have no wirebonds eleMent evaluation spaCe prototype o Class H Class K test perforMed non -QMl1 QMl QMl (CoMponent level) M/s2 p3 M/s2 p3 M/s2 p3 Element Electrical yes no yes yes yes yes Element Visual no no yes yes yes yes Internal Visual no no yes no yes no Temperature Cycling no no no no yes yes Constant Acceleration no no no no yes yes Interim Electrical no no no no yes no Burn-in no no no no yes no Post Burn-in Electrical no no no no yes no Steady State Life no no no no yes no Voltage Conditioning Aging no no no no no yes Visual Inspection no no no no no yes Final Electrical no no yes yes yes yes Wire Bond Evaluation4 no no yes yes yes yes SEM no no no no yes no SLAM™/C-SAM: Input capacitors only no no no yes no yes (Add’l test, not req. by H or K) Crane Aerospace & Electronics Power Solutions www.craneae.com Page 11 of 13 Rev H - 20061102 sMFL single and dual dc/dc converters 28 VoLt input – 65 Watt |