| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SRE11SVS bảng dữ liệu(PDF) 3 Page - Apex Electronics Co., Ltd |
|
|
|||||||||||||||||||||||||||||
SRE11SVS bảng dữ liệu(HTML) 3 Page - Apex Electronics Co., Ltd |
|
3 / 3 page ![]() 2018 APEX Electronics Ltd. All rights reserved. www.apex-electronics.com SRE11S Series Slim rotary encoder, 11mm diameter, SMD or thru-hole 03 Shaft and bushing part no. Part No. Switch Shaft Material Shaft Trim Shaft length(L1) Bushing length(LB) 0DK21 Without diecast knurled 9.5mm 5mm 1DK21 0.5mm stroke diecast knurled 9.5mm 5mm 1DK31 0.5mm stroke diecast knurled 13.5mm 5mm 2DK21 1.5mm stroke diecast knurled 9.5mm 5mm 2DK31 1.5mm stroke diecast knurled 13.5mm 5mm 0AK31 Without aluminum knurled 15mm 5mm 0AK42 Without aluminum knurled 20mm 7mm 1AK31 0.5mm stroke aluminum knurled 15mm 5mm 1AK42 0.5mm stroke aluminum knurled 20mm 7mm 2AK31 1.5mm stroke aluminum knurled 15mm 5mm 2AK42 1.5mm stroke aluminum knurled 20mm 7mm 0AF31 Without aluminum flat 15mm 5mm 0AF42 Without aluminum flat 20mm 7mm 1AF31 0.5mm stroke aluminum flat 15mm 5mm 1AF42 0.5mm stroke aluminum flat 20mm 7mm 2AF31 1.5mm stroke aluminum flat 15mm 5mm 2AF42 1.5mm stroke aluminum flat 20mm 7mm Model Dimensions SRE11SVS Vertical type, SMD With or without switch , , SRE11SVT Vertical type, through hole With or without switch , , Product Drawing |