| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SRAS1R102M7RE bảng dữ liệu(PDF) 5 Page - Apex Electronics Co., Ltd |
|
|
|||||||||||||||||||||||||||||
SRAS1R102M7RE bảng dữ liệu(HTML) 5 Page - Apex Electronics Co., Ltd |
|
5 / 5 page ![]() 2018 APEX Electronics Ltd. All rights reserved. www.apex-electronics.com SRA Series Miniature rocker switches,IP67 05 MANUAL SOLDERING: Use soldering iron of 30 watts, controlled at 350°C approximately 5 seconds while applying solder. WAVE SOLDERING: Recommended Soldering Temperature: 270 ± 5°C Duration of Solder Immersion: Max 5 sec. (PCB is 1.6mm in thickness) 0.4 Volt - Amps ( VA ) max. @ 20V max. ( AC or DC ) 3 Amps with resistant load @ 120VAC or 28VDC 1 Amps with resistant load @ 250VAC Q C R CONTACT PLATING Silver Gold over Silver Gold RATINGS Q = Gold flash over silver C = Gold over silver R = Gold TERMINAL PLATING SNAP-IN TERMINATION OPTIONS CONTACT MATERIAL OPTIONS SOLDERING PROCESSES M6N N 2 V N 7 M |