công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PAAS6AM1CES1L3 bảng dữ liệu(PDF) 2 Page - Apex Electronics Co., Ltd

tên linh kiện PAAS6AM1CES1L3
Giải thích chi tiết về linh kiện  Pushbutton Switches, 1M cycles, optional LED, IP67
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Trang chủ  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

PAAS6AM1CES1L3 bảng dữ liệu(HTML) 2 Page - Apex Electronics Co., Ltd

  PAAS6AM1CES1L3 Datasheet HTML 1Page - Apex Electronics Co., Ltd PAAS6AM1CES1L3 Datasheet HTML 2Page - Apex Electronics Co., Ltd PAAS6AM1CES1L3 Datasheet HTML 3Page - Apex Electronics Co., Ltd PAAS6AM1CES1L3 Datasheet HTML 4Page - Apex Electronics Co., Ltd PAAS6AM1CES1L3 Datasheet HTML 5Page - Apex Electronics Co., Ltd PAAS6AM1CES1L3 Datasheet HTML 6Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
02
PAA Series
Pushbutton Switches, 1M cycles, optional LED, IP67
PAAS6
MODEL
NO.
SP
MOM=MOMENTARY
NO.
POLES
MOM
OFF
POS.1
POS.2
SWITCH FUNCTION
2
.
S
O
P
1
.
S
O
P
SCHEMATIC
PAAS7
)
M
O
M
(
F
F
O
P
S
ON
OPEN
1-3
OPEN
1-3
CONNECTED TERMINALS
SWITCH FUNCTION
BUSHING TYPE
TERMINATION OPTIONS
CAP OPTIONS
.102
2.59
Ø
.472
Ø
12.00
Ø
.462
Ø
11.75
.185
4.7
.078
2.0
Ø
.472
Ø
12.00
Stain-nickel
Stain-chromium
Chromium
PLATING
A Chromium
C
Stain-chromium
D
Stain-nickel
BUSHING
D1
D2
BUSHING PLATING
.079
2.00
.047
1.20
.200
5.08
.016
0.40
.138
3.50
.110
2.80
.138
3.50
.200
5.08
.016
0.40
.039
1.00
.110
2.80
.323
8.20
.015
0.40
.200
5.08
.110
2.80
.094
2.40
.047
1.20
M4 PC Thru-hole
M1 Solder lug
M3 Solder lug
ROUND Non-LED
FLAT STD
HIGH Non-LED
*
Only for PAAS6 model type,Non-LED
*
Only for PAAS6 model type,Non-LED
*
Only for B1,B2,B3,D2 bushing type
*
Only for B2,D2 bushing and
PAAS6 model type
2
D
/
2
B
1
B
6
B
/
1
D
3
B
.689
17.50
Ø
.689
Ø
17.50
Ø
.689
Ø
17.50
Ø
.689
Ø
17.50
M12x0.75 SI
M12x0.75 SI
.138
3.50
.047
1.20
.087
2.20



Html Pages

1 2 3 4 5 6