| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLV2470CDBVT bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLV2470CDBVT bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 53 page ![]() www.ti.com TLV2470 ,, TLV2471 TLV2472, TLV2473 TLV2474, TLV2475, TLV247xA SLOS232D – JUNE 1999 – REVISED FEBRUARY 2007 This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. TLV2470 and TLV2471 AVAILABLE OPTIONS PACKAGED DEVICES TA SOT23 SMALL OUTLINE (D)(1) PLASTIC DIP (P) (DBV)(1) SYMBOL TLV2470CD TLV2470CDBV VAUC TLV2470CP 0 °C to +70°C TLV2471CD TLV2471CDBV VAVC TLV2471CP TLV2470ID TLV2470IDBV VAUI TLV2470IP TLV2471ID TLV2471IDBV VAVI TLV2471IP –40 °C to +125°C TLV2470AID TLV2470AIP —— —— TLV2471AID TLV2471AIP (1) This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV2470CDR). TLV2472 AND TLV2473 AVAILABLE OPTIONS PACKAGED DEVICES SMALL MSOP MSOP TA PLASTIC DIP PLASTIC DIP OUTLINE (N) (P) (DGN)(1) SYMBOL(2) (DGQ)(1) SYMBOL(2) (D)(1) TLV2472CD TLV2472CDGN xxTIABU — — — TLV2472CP 0 °C to +70°C TLV2473CD — — TLV2473CDGQ xxTIABW TLV2473CN — TLV2472ID TLV2472IDGN xxTIABV — — — TLV2472IP TLV2473ID — — TLV2473IDGQ xxTIABX TLV2473IN — –40 °C to +125°C TLV2472AID — TLV2472AIP —— —— —— —— TLV2473AID TLV2473AIN — (1) This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV2472CDR). (2) xx represents the device date code. TLV2474 and TLV2475 AVAILABLE OPTIONS PACKAGED DEVICES TA SMALL OUTLINE (D)(1) PLASTIC DIP (N) TSSOP (PWP)(1) TLV2474CD TLV2474CN TLV2474CPWP 0 °C to +70°C TLV2475CD TLV2475CN TLV2475CPWP TLV2474ID TLV2474IN TLV2474IPWP TLV2475ID TLV2475IN TLV2475IPWP –40 °C to +125°C TLV2474AID TLV2474AIN TLV2474AIPWP TLV2475AID TLV2475AIN TLV2475AIPWP (1) This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV2474CDR). 2 Submit Documentation Feedback |