công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADCMP608BKSZ-RL bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện ADCMP608BKSZ-RL
Giải thích chi tiết về linh kiện  Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADCMP608BKSZ-RL bảng dữ liệu(HTML) 4 Page - Analog Devices

  ADCMP608BKSZ-RL Datasheet HTML 1Page - Analog Devices ADCMP608BKSZ-RL Datasheet HTML 2Page - Analog Devices ADCMP608BKSZ-RL Datasheet HTML 3Page - Analog Devices ADCMP608BKSZ-RL Datasheet HTML 4Page - Analog Devices ADCMP608BKSZ-RL Datasheet HTML 5Page - Analog Devices ADCMP608BKSZ-RL Datasheet HTML 6Page - Analog Devices ADCMP608BKSZ-RL Datasheet HTML 7Page - Analog Devices ADCMP608BKSZ-RL Datasheet HTML 8Page - Analog Devices ADCMP608BKSZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADCMP608
Rev. 0 | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Supply Voltages
−0.5 V to +6.0 V
Supply Voltage
(VCC to GND)
Supply Differential
−6.0 V to +6.0 V
Input Voltages
Input Voltage
−0.5 V to VCC+ 0.5 V
THERMAL RESISTANCE
Differential Input Voltage
±(V
CC
+ 0.5 V)
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Maximum Input/Output Current
±50 mA
Shutdown Control Pin
Applied Voltage (SDN to GND)
−0.5 V to VCC + 0.5 V
Table 3. Thermal Resistance
Maximum Input/Output Current
±50 mA
Package Type
θJA1
Unit
Output Current
±50 mA
ADCMP608 6-Lead SC70
426
°C/W
Temperature
1 Measurement in still air.
Operating Temperature, Ambient
−40°C to +125°C
ESD CAUTION
Operating Temperature, Junction
150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com