công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMD-K6-2E/333AFZ bảng dữ liệu(PDF) 65 Page - Advanced Micro Devices

tên linh kiện AMD-K6-2E/333AFZ
Giải thích chi tiết về linh kiện  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/333AFZ bảng dữ liệu(HTML) 65 Page - Advanced Micro Devices

Back Button AMD-K6-2E/333AFZ Datasheet HTML 61Page - Advanced Micro Devices AMD-K6-2E/333AFZ Datasheet HTML 62Page - Advanced Micro Devices AMD-K6-2E/333AFZ Datasheet HTML 63Page - Advanced Micro Devices AMD-K6-2E/333AFZ Datasheet HTML 64Page - Advanced Micro Devices AMD-K6-2E/333AFZ Datasheet HTML 65Page - Advanced Micro Devices AMD-K6-2E/333AFZ Datasheet HTML 66Page - Advanced Micro Devices AMD-K6-2E/333AFZ Datasheet HTML 67Page - Advanced Micro Devices AMD-K6-2E/333AFZ Datasheet HTML 68Page - Advanced Micro Devices AMD-K6-2E/333AFZ Datasheet HTML 69Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 332 page
background image
Chapter 3
Software Environment
47
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
3.3
Memory Management Registers
The AMD-K6-2E processor controls segmented memory
management with the registers listed in Table 8. Figure 40
shows the formats of the memory management registers.
Figure 40. Memory Management Registers
Table 8. Memory Management Registers
Register Name
Function
Global Descriptor Table Register
Contains a pointer to the base of the global descriptor table
Interrupt Descriptor Table Register
Contains a pointer to the base of the interrupt descriptor table
Local Descriptor Table Register
Contains a pointer to the local descriptor table of the current task
Task Register
Contains a pointer to the task state segment of the current task
15
0
16-Bit Limit
16
47
32-Bit Linear Base Address
Global and Interrupt Descriptor Table Registers
31
0
63
32-Bit Limit
32
32-Bit Linear Base Address
15
0
Local Descriptor Table Register and Task Register
Attributes
15
0
Selector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More