| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL431BCLP bảng dữ liệu(PDF) 36 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL431BCLP bảng dữ liệu(HTML) 36 Page - Texas Instruments |
|
36 / 78 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 9-Apr-2024 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TL431AQPK ACTIVE SOT-89 PK 3 1000 RoHS & Green SN Level-2-260C-1 YEAR -40 to 125 4D Samples TL431BCD ACTIVE SOIC D 8 75 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 T431B Samples TL431BCDBVR ACTIVE SOT-23 DBV 5 3000 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM 0 to 70 (T3GG, T3GJ, T3GU) Samples TL431BCDBVT ACTIVE SOT-23 DBV 5 250 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM 0 to 70 (T3GG, T3GJ, T3GU) Samples TL431BCDBZR ACTIVE SOT-23 DBZ 3 3000 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM 0 to 70 (T3G3, T3GG, T3GS, T3GU) Samples TL431BCDBZRG4 ACTIVE SOT-23 DBZ 3 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 T3G3 Samples TL431BCDBZT ACTIVE SOT-23 DBZ 3 250 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM 0 to 70 (T3G3, T3GG, T3GS, T3GU) Samples TL431BCDBZTG4 ACTIVE SOT-23 DBZ 3 250 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 T3G3 Samples TL431BCDCKR ACTIVE SC70 DCK 6 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 T2U Samples TL431BCDCKT ACTIVE SC70 DCK 6 250 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 T2U Samples TL431BCDE4 ACTIVE SOIC D 8 75 TBD Call TI Call TI 0 to 70 Samples TL431BCDR ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 T431B Samples TL431BCLP ACTIVE TO-92 LP 3 1000 RoHS & Green SN N / A for Pkg Type 0 to 70 T431B Samples TL431BCLPR ACTIVE TO-92 LP 3 2000 RoHS & Green SN N / A for Pkg Type 0 to 70 T431B Samples TL431BCPK ACTIVE SOT-89 PK 3 1000 RoHS & Green SN Level-2-260C-1 YEAR 0 to 70 4C Samples TL431BID ACTIVE SOIC D 8 75 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 Z431B Samples TL431BIDBVR ACTIVE SOT-23 DBV 5 3000 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -40 to 85 (T3FG, T3FJ, T3FU) Samples TL431BIDBVT ACTIVE SOT-23 DBV 5 250 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -40 to 85 (T3FG, T3FJ, T3FU) Samples TL431BIDBZR ACTIVE SOT-23 DBZ 3 3000 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -40 to 85 (T3F3, T3FG, T3FS, T3FU) Samples TL431BIDBZRG4 ACTIVE SOT-23 DBZ 3 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 T3F3 Samples Addendum-Page 3 |