| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL072ACDR bảng dữ liệu(PDF) 68 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL072ACDR bảng dữ liệu(HTML) 68 Page - Texas Instruments |
|
68 / 86 page ![]() www.ti.com PACKAGE OUTLINE C 0.22 0.08 TYP 0.15 2.4 1.8 2X 0.65 1.3 1.1 MAX 0.1 0.0 TYP 5X 0.33 0.15 NOTE 5 0.1 C A B 0.46 0.26 TYP 8 0 TYP 1.3 A 2.15 1.85 B 1.4 1.1 (0.9) (0.15) (0.1) SOT - 1.1 max height DCK0005A SMALL OUTLINE TRANSISTOR 4214834/D 07/2023 NOTES: 1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing per ASME Y14.5M. 2. This drawing is subject to change without notice. 3. Refernce JEDEC MO-203. 4. Support pin may differ or may not be present. 5. Lead width does not comply with JEDEC. 0.1 C A B 1 3 4 5 2 INDEX AREA PIN 1 NOTE 4 NOTE 5 GAGE PLANE SEATING PLANE 0.1 C SCALE 5.600 |