| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DMR35-ACV2-AC1-R bảng dữ liệu(PDF) 6 Page - Murata Power Solutions Inc. |
|
|
|||||||||||||||||||||||||||||
DMR35-ACV2-AC1-R bảng dữ liệu(HTML) 6 Page - Murata Power Solutions Inc. |
|
6 / 11 page ![]() DMR35-ACV Series AC Voltmeter DMR35-ACV.A01.D04 Page 6 of 11 www.murata-ps.com METER CONFIGURATION Five configuration switches are provided to configure measurement range, measurement mode, and display intensity. Measurement Range: Switches 4 and 5: Switch Settings DMR35 Model 4 5 Dipswitch -ACV1 -ACV2 OFF OFF 0-5 VAC 0-50 VAC OFF ON 0-10 VAC 0-150 VAC ON OFF 0-15 VAC 0-250 VAC ON ON 0-25 VAC 0-300 VAC Measurement Mode: Switch 3: Switch Settings Measurement Mode 3 Dipswitch OFF ‘Average’ Reading (RMS Adjusted) ON RMS Reading Display Intensity: Switches 1 and 2: Switch Settings Display Intensity SW1 SW2 Dipswitch OFF OFF Low OFF ON Medium ON OFF High ON ON High 2 (Subtle increase in intensity compared with ‘High’ setting) |