| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8323ZQADDC bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8323ZQADDC bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc |
|
10 / 80 page ![]() MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 0 10 Freescale Semiconductor Power Characteristics 3 Power Characteristics The estimated typical power dissipation for this family of MPC8323E devices is shown in Table 5. Table 6 shows the estimated typical I/O power dissipation for the device. Table 5. MPC8323E Power Dissipation CSB Frequency (MHz) QUICC Engine Frequency (MHz) Core Frequency (MHz) Typical Maximum Unit Notes 133 200 266 0.74 1.48 W 1, 2, 3 133 200 333 0.78 1.62 W 1, 2, 3 Notes: 1. The values do not include I/O supply power (OVDD and GVDD) or AVDD. For I/O power values, see Table 6. 2. Typical power is based on a nominal voltage of VDD = 1.0 V, ambient temperature, and the core running a Dhrystone benchmark application. The measurements were taken on the MPC8323MDS evaluation board using WC process silicon. 3. Maximum power is based on a voltage of VDD = 1.07 V, WC process, a junction TJ = 110°C, and an artificial smoke test. Table 6. Estimated Typical I/O Power Dissipation Interface Parameter GVDD (2.5 V) OVDD (3.3 V) Unit Comments DDR I/O 65% utilization 2.5 V Rs = 20 Ω Rt = 50 Ω 1 pair of clocks 266 MHz, 1 × 32 bits 0.367 W Local bus I/O load = 25 pF 1 pair of clocks 66 MHz, 32 bits 0.12 W PCI I/O load = 30 pF 66 MHz, 32 bits 0.057 W QUICC Engine block and other I/Os UTOPIA 8-bit 31 PHYs 0.041 W Mutiply by number of interfaces used. TDM serial 0.001 W TDM nibble 0.004 W HDLC/TRAN serial 0.003 W HDLC/TRAN nibble 0.025 W DUART 0.017 W MIIs 0.009 W RMII 0.009 W Ethernet management 0.002 W USB 0.001 W SPI 0.001 W Timer output 0.002 W |