công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

33981B bảng dữ liệu(PDF) 6 Page - Freescale Semiconductor, Inc

tên linh kiện 33981B
Giải thích chi tiết về linh kiện  Single High-Side Switch (4.0 m??, PWM clock up to 60kHz
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33981B bảng dữ liệu(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33981B Datasheet HTML 2Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 3Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 4Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 5Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 6Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 7Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 8Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 9Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33981
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
POWER OUTPUT (VPWR) (continued)
Overtemperature Shutdown
TSD
160
175
190
°C
Overtemperature Shutdown Hysteresis (8)
TSDHYS
5.0
–
20
°C
LOW SIDE GATE DRIVER (VPWR, VGLS, VOCLS)
Low-Side Gate Voltage
VPWR = 6.0 V
VPWR = 9.0 V
VPWR = 13 V
VPWR = 27 V
VGLS
5.0
8.0
12.0
12.0
5.4
8.4
12.4
12.4
6.0
9.0
13.0
13.0
V
Low-Side Gate Sinked Current
VGLS = 2 V, VPWR = 13 V
IGLSNEG
–
100
–
mA
Low-Side Gate Sourced Current
VGLS = 2 V, VPWR = 13 V
IGLSPOS
–
100
–
mA
Low-Side Overload Detection Level versus Low-Side Drain Voltage
VOCLS - VDLS, (VOCLS ≤ 4.0 ς)
VDS_LS
-50
–
+50
mV
CONTROL INTERFACE (CONF, INHS, INLS, EN, OCLS)
Input Logic High Voltage (CONF, INHS, INLS)
VIH
3.3
–
–
V
Input Logic Low Voltage (CONF, INHS, INLS)
VIL
–
–
1.0
V
Input Logic Voltage Hysteresis (CONF, INHS, INLS)
VINHYS
100
600
1200
mV
Input Logic Active Pulldown Current (INHS, INLS)
IDWN
5.0
10
20
µA
Enable Pull-down Resistor (EN)
RDWN
100
200
400
k
Ω
Enable Voltage Threshold (EN)
VEN
2.5
V
Input Clamp Voltage (EN)
IEN < 2.5 mA
VCLEN
7.0
–
14
V
Input Forward Voltage (EN)
VF(EN)
-2.0–-0.3
V
Input Active Pullup Current (OCLS)
IOCLSp
50
100
200
µA
Input Active Pullup Current (CONF)
ICONF
5.0
10
20
µA
FS Tri-State Capacitance (8)
CFS
–
–
20
pF
FS Low-State Output Voltage
IFS = -1.6 mA
VFSL
–0.2
0.4
V
Temperature Feedback
TA = 25°C for VPWR = 14 V
VTFEED
3.35
3.45
3.55
V
Temperature Feedback Derating (8)
DTFEED
-8.5
-8.9
-9.3
mV/°C
Notes
8.
Parameter is guaranteed by process monitoring but is not production tested.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
≤ V
PWR ≤ 27 V, -40°C ≤ TA ≤ 125°C unless otherwise noted. Typical values
noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com