công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MIRA130 bảng dữ liệu(PDF) 36 Page - OSRAM GmbH

tên linh kiện MIRA130
Giải thích chi tiết về linh kiện  1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

MIRA130 bảng dữ liệu(HTML) 36 Page - OSRAM GmbH

Back Button MIRA130 Datasheet HTML 32Page - OSRAM GmbH MIRA130 Datasheet HTML 33Page - OSRAM GmbH MIRA130 Datasheet HTML 34Page - OSRAM GmbH MIRA130 Datasheet HTML 35Page - OSRAM GmbH MIRA130 Datasheet HTML 36Page - OSRAM GmbH MIRA130 Datasheet HTML 37Page - OSRAM GmbH MIRA130 Datasheet HTML 38Page - OSRAM GmbH MIRA130 Datasheet HTML 39Page - OSRAM GmbH MIRA130 Datasheet HTML 40Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
Document Feedback
Mira130
Sensor Operation
Datasheet
• PUBLIC
DS000715
• v6-00 • 2023-Aug-09
51
│ 35
Figure 41:
Normal and HDR Modes
Under normal mode, as shown in Figure 41, the pixel output value is linear proportional to the
exposure time. The maximum exposure time without causing pixel saturation for a given light intensity
of an image source is L1. Under HDR mode, as shown in the same figure, for the same light intensity
of the image source, the sensitivity of the pixel in HDR mode is the same as normal mode before the
pixel output value reaching a HDR point, but is reduced after the HDR point. Hence, the maximum
exposure time without causing saturation is L2, implying a higher dynamic range. The dynamic range
can be increased by 20 × log (L2 / L1).
Figure 42:
HDR Mode Timing
L1
L2
Exposure
Pixel Output
Saturation
HDR Point
Normal Mode-Linear
response
HDR Mode-
Non-linear
response
time
start exposure
exposure end
HDR point
HDR Control Mode
{3e31,3e32}
{3e01,3e02}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com