công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

4LS15K-5MIA bảng dữ liệu(PDF) 28 Page - OSRAM GmbH

tên linh kiện 4LS15K-5MIA
Giải thích chi tiết về linh kiện  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS15K-5MIA bảng dữ liệu(HTML) 28 Page - OSRAM GmbH

Back Button 4LS15K-5MIA Datasheet HTML 24Page - OSRAM GmbH 4LS15K-5MIA Datasheet HTML 25Page - OSRAM GmbH 4LS15K-5MIA Datasheet HTML 26Page - OSRAM GmbH 4LS15K-5MIA Datasheet HTML 27Page - OSRAM GmbH 4LS15K-5MIA Datasheet HTML 28Page - OSRAM GmbH 4LS15K-5MIA Datasheet HTML 29Page - OSRAM GmbH 4LS15K-5MIA Datasheet HTML 30Page - OSRAM GmbH 4LS15K-5MIA Datasheet HTML 31Page - OSRAM GmbH 4LS15K-5MIA Datasheet HTML 32Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 115 page
background image
Document Feedback
4LS
Functional Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 27
uses a monotonous linear conversion, or piece wise linear conversion when in companding mode.
Prior to A/D conversion, the signal value is stored on a Sample-and-Hold block after CDS block. The
result of conversion is stored in SRAM to be processed in digital domain.
7.3.1
ADC Linear Mode
Figure 34:
ADC Transfer Function in Linear Mode
7.3.2
ADC Companding Mode
The "companding" ADC mode allows to adapt the A/D conversion step to the increasing amount of
photon shot noise, which is inherent to the impinging optical signal as signal levels increase. This can
selectively amplify low light level signals. To ease re-linearization for further image treatment, the A/D
conversion step is doubled after each threshold. There are maximum three programmable thresholds
available. The thresholds are programmed over the serial configuration interface with a resolution of 8
bits, mapped to the 8 MSB of the conversion range. If using companding ADC mode, the three
thresholds must be strictly monotonous and smaller than the end of range register content.
Figure 35:
ADC Transfer Function in Companding Mode
DN
V
ADC End Range
(Register 0x0A)
ADC Step (Register
0x04 to Line 1)
ADC Black Level
(Register 0x06)
DN
V
ADC End Range
ADC Step
ADC Black Level
ADC Threshold 3
ADC Threshold 2
ADC Threshold 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com