| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
508120002 bảng dữ liệu(PDF) 4 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
508120002 bảng dữ liệu(HTML) 4 Page - OSRAM GmbH |
|
4 / 115 page ![]() Document Feedback 4LS General Description Datasheet • PUBLIC DS000542 • v3-01 • 2022-Nov-17 114 │ 3 1 General Description 4LS is a family of high-speed line-scan sensors featuring four lines of pixels, spaced with one pixel period line gap. The sensors are provided in Monochrome (B&W) version, allowing amongst other applications 4-To-1 digital TDI or with Red, Green, Blue and Monochrome lines for high quality color line scanning with extended spectral range. Each of the four lines of the sensor has individual gain settings and can be triggered for exposure and reset independently. Moreover, all four lines can be read out simultaneously over bit serial LVDS output taps. The sensor features a low noise pixel with true CDS and global shutter allowing fully pipelined readout and integration. To enhance dynamic range, multiple nondestructive readouts are possible. An Invar based sensor chip on board is provided, which features all necessary external decoupling elements and provides mechanical alignment features for high precision self-aligned mounting of the sensors to its optics. Furthermore, the Invar core avoids thermal stress induced bending of the sensors with more important line length. 1.1 Key Benefits, Features and Differentiators The benefits, features and differentiators of 4LS sensors family (4LS15K, 4LS10K and 4LS5K), are listed below: Figure 1: 4LS Benefits, Features and Differentiators Benefits Features Differentiators Allows full RGB color acquisition, plus additional mono channel Up to four simultaneously and individually operated lines. Fastest high-resolution sensor on the market operating four lines simultaneously. Higher machine production speed High speed up to 119 kLines/s x 4 Lines at full resolution. Up to 238 kLines/s x 4 Lines with ROI feature (1). Competing four-line sensors only allow simultaneous readout of two lines. Lower pin count integration for lower speed applications Configurable output bandwidth. Cost versus performance trade of possibility. Configurable full well Up to 40 ke- COB/Invar package High mechanical stability and planarity of the die. (1) 4LS5K main feature, due to reduced readout resolution. For more details, please check section 7.11.5. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |