| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS6204 bảng dữ liệu(PDF) 20 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS6204 bảng dữ liệu(HTML) 20 Page - OSRAM GmbH |
|
20 / 37 page ![]() Document Feedback AS6204 Register Description Datasheet • PUBLIC DS000628 • v4-00 • 2021-Oct-18 36 │ 19 Figure 21: Alert Operation Modes The following table defines the content of the registers TLOW and THIGH. For data transmission, the MSB byte is transmitted first, followed by the LSB byte. The data format for representing the threshold temperatures is equal to the temperature register (TVAL). After a power up, the registers are initialized with the following default values: ALERT output cleared ALERT output active ALERT output cleared ALERT output active T ≥ THIGH for N consecutive cycles Read operation or Set to sleep mode T ≤ TLOW for N consecutive cycles Read operation or Set to sleep mode Interrupt Mode ALERT output cleared ALERT output active Comparator Mode T ≥ THIGH for N consecutive cycles T ≤ TLOW for N consecutive cycles IM=1 IM=0 General Reset Command |