công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

33287 bảng dữ liệu(PDF) 5 Page - Freescale Semiconductor, Inc

tên linh kiện 33287
Giải thích chi tiết về linh kiện  Contact Monitoring and Dual Low-Side Protected Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33287 bảng dữ liệu(HTML) 5 Page - Freescale Semiconductor, Inc

  33287 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33287
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. STATIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions 7.0 V
≤ V
DD1 ≤ 18 V, 4.75 V ≤ VDD2 ≤ 5.25 V, -40°C ≤ TA ≤ 125°C, unless otherwise
noted. Extended limit is 5.0 V
≤ V
DD1 ≤ 7.0 V and other parameters are full specification in this mode. Inputs IN1–IN7 and low-
side drivers are still functional with down-graded characteristics.
Characteristic
Symbol
Min
Typ
Max
Unit
SUPPLY VOLTAGE (VDD1 AND VDD2 PINS)
Operational Supply Voltage
Full Specification
Extend Limit
VDD1
7.0
5.0
12
—
18
7.0
V
Operational Supply Voltage (Full Specification)
VDD2
4.75
—
—
V
Supply Current Standby Mode(5)
VDD1 ≤ 14 V
VCD1 = VDD2, VCD2 = 0 V
IVDD1-0
IVDD2-0
—
—
55
—
110
10
µA
Supply Current in Drivers on Configuration (Full Specification)(5)
VCD1 = 0 V
VCD2 = VDD2
IVDD1-1
IVDD2-1
—
—
250
650
1500
1500
µA
OUTPUT DRIVERS CHARACTERISTICS (OUTD1 AND OUTD2 PINS)
Output Resistance (Full Specification and TJ ≤ 130°C)
RDS(ON)
—
1.40
3.20
Ω
Output Resistance (Extent Limit and TJ ≤ 130°C)
RDS(ON)
—
—
5.0
Ω
Leakage Current (Internal Current Source)
ILEAK
1.0
—
13
µs
PROTECTION AND LEVEL DETECTION (OUTD1 AND OUTD2 PINS)
Positive Output Clamp
VCLAMP
40
50
60
V
Output Current Limitation (130°C
≥ T
J)
ILIM
300
535
750
mA
Output Fault Detector Level
VFAULT
2.0
2.75
3.5
V
Overtemperature Detection (at 25°C by Function Simulation)
TDETEC
145
160
175
°C
INPUTS (CD1 AND CD2 PINS)
Input Voltage Low
VIL
—
—
4.0 x VDD2
V
Input Voltage High
VIH
8.0 x VDD2
—
—
V
Hysteresis
VHST
500
800
—
mV
Input Current on Pin CD1 (Internal Pull-Up and CD1 Connected to Ground)
ICD1
-100
-30
-10
µA
Leakage Current on Pin CD1 (Internal Pull-Up Connected to VDD2)
ILEAK
-5.0
—
5.0
µA
Input Current on Pin CD2 (Internal Pull Down CD2 Connected to VDD2)
ICD2
10
30
100
µA
Leakage Current on Pin CD2 (Internal Pull-Up CD1 Connected to Ground)
ILEAK
-5.0
—
5.0
µA
Notes
5
All INn and ADn inputs are connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com