công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

3D7701 bảng dữ liệu(PDF) 2 Page - Data Delay Devices, Inc.

tên linh kiện 3D7701
Giải thích chi tiết về linh kiện  MONOLITHIC GATED DELAY LINE OSCILLATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DATADELAY [Data Delay Devices, Inc.]
Trang chủ  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D7701 bảng dữ liệu(HTML) 2 Page - Data Delay Devices, Inc.

  3D7701 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D7701 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D7701 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D7701 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3D7701
APPLICATION NOTES
OPERATIONAL DESCRIPTION
The 3D7701 delay line oscillator architecture is
shown in Figure 1. The internal delay line is
composed of a number of delay cells connected
in series and is compensated for thermal and
supply voltage variations. A low-going edge on
the EN input starts the oscillator, with the O2
output responding immediately. The O1 output is
delayed by ½ cycle. The response of the output
when the oscillator is disabled depends on the
status of O2 when the EN signal goes high, as
shown in Figure 2. If O2 is low, it will remain low,
and the final pulse on O1 will be ½ of the period.
If O2 is high, it will go low as soon as EN goes
high, and the final pulse on both outputs will have
a width smaller than ½ the period.
Temp & Vdd
Compensation
Figure 1: 3D7701 Functional Diagram
Delay Line
EN
VDD
GND
EN
O1
O2
O1
O2
Figure 2: 3D7701 Timing Diagrams
EN
O1
O2
5ns typ
5ns typ
5ns typ
Doc #06023
DATA DELAY DEVICES, INC.
2
12/5/2006
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com