| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSL2581 bảng dữ liệu(PDF) 6 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TSL2581 bảng dữ liệu(HTML) 6 Page - OSRAM GmbH |
|
6 / 53 page ![]() ams Datasheet Page 5 [v1-00] 2016-Apr-05 Document Feedback TSL2580, TSL2581 − Pin Assignments Detailed Description The TSL2580 and TSL2581 are second-generation ambient light sensor devices. Each contains two integrating analog-to-digital converters (ADC) that integrate currents from two photodiodes. Integration of both channels occurs simultaneously. Upon completion of the conversion cycle, the conversion result is transferred to the Channel 0 and Channel 1 data registers, respectively. The transfers are double-buffered to ensure that the integrity of the data is maintained. After the transfer, the device automatically begins the next integration cycle. Communication to the device is accomplished through a standard, two-wire SMBus or I²C serial bus. Consequently, the TSL258x device can be easily connected to a microcontroller or embedded controller. No external circuitry is required for signal conditioning, thereby saving PCB real estate as well. Since the output of the TSL258x device is digital, the output is effectively immune to noise when compared to an analog signal. The TSL258x devices also support an interrupt feature that simplifies and improves system efficiency by eliminating the need to poll a sensor for a light intensity value. The primary purpose of the interrupt function is to detect a meaningful change in light intensity. The concept of a meaningful change can be defined by the user both in terms of light intensity and time, or persistence, of that change in intensity. The TSL258x devices have the ability to define a threshold above and below the current light level. An interrupt is generated when the value of a conversion exceeds either of these limits. |