công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSL2572 bảng dữ liệu(PDF) 24 Page - OSRAM GmbH

tên linh kiện TSL2572
Giải thích chi tiết về linh kiện  Light-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2572 bảng dữ liệu(HTML) 24 Page - OSRAM GmbH

Back Button TSL2572 Datasheet HTML 20Page - OSRAM GmbH TSL2572 Datasheet HTML 21Page - OSRAM GmbH TSL2572 Datasheet HTML 22Page - OSRAM GmbH TSL2572 Datasheet HTML 23Page - OSRAM GmbH TSL2572 Datasheet HTML 24Page - OSRAM GmbH TSL2572 Datasheet HTML 25Page - OSRAM GmbH TSL2572 Datasheet HTML 26Page - OSRAM GmbH TSL2572 Datasheet HTML 27Page - OSRAM GmbH TSL2572 Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
Datasheet, Public
Page 23
[v2-00] 2022-Nov-30
Document Feedback
TSL2572 − Register Overview
ALS Interrupt Threshold Registers (0x04 - 0x07)
The ALS interrupt threshold registers provides the values to be
used as the high and low trigger points for the comparison
function for interrupt generation. If C0DATA crosses below the
low threshold specified, or above the higher threshold, an
interrupt is asserted on the interrupt pin.
Figure 26:
ALS Interrupt Threshold Registers
Register
Address
Bits
Description
AILTL
0x04
7:0
ALS low threshold lower byte
AILTH
0x05
7:0
ALS low threshold upper byte
AIHTL
0x06
7:0
ALS high threshold lower byte
AIHTH
0x07
7:0
ALS high threshold upper byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41