| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSL25403 bảng dữ liệu(PDF) 18 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TSL25403 bảng dữ liệu(HTML) 18 Page - OSRAM GmbH |
|
18 / 38 page ![]() Datasheet, Public Page 17 [v2-00] 2022-Dec-05 Document Feedback TSL2540 − Register Description PERS Register (Address 0x8C) Figure 21: PERS Register The frequency of consecutive visible channel results outside of threshold limits are counted; this count value is compared against the APEARS value. If the counter is equal to the APERS setting an interrupt is asserted. Any time a clear channel result is inside the threshold values the counter is cleared. Addr: 0x8C PERS Bit Bit Name Default Access Bit Description 7:4 Reserved 0000 R/W Reserved. 3:0 APERS 0000 R/W This register sets the ALS persistence filter. 0Every ALS cycle. 1 Any value outside ALS thresholds. 2 2 consecutive ALS values out of range. 3 3 consecutive ALS values out of range. 4 5 consecutive ALS values out of range. 5 10 consecutive ALS values out of range. 6 15 consecutive ALS values out of range. 7 20 consecutive ALS values out of range. …… 13 50 consecutive ALS values out of range. 14 55 consecutive ALS values out of range. 15 60 consecutive ALS values out of range. |